PART |
Description |
Maker |
80C550/83C550/87C550 P87C550EBAA P87C550EBPN P80C5 |
80C51 8-bit microcontroller family 4K/128 OTP/ROM/ROMless, 8 channel 8 bit A/D, watchdog timer 8-BIT, 8 MHz, MICROCONTROLLER, PQCC44 80C51 8-bit microcontroller family 4K/128 OTP/ROM/ROMless/ 8 channel 8 bit A/D/ watchdog timer High Output DC/DC Converter, -40C to 85C, 8-PDIP, TUBE
|
NXP Semiconductors N.V. Philips Semiconductors
|
P89CV51RD2FA512 P89CV51RB209 P89CV51RC2FBC557 P89C |
8-bit 80C51 5 V low power 64 kB flash microcontroller with 1 kB RAM, SPI, 6-clock CPU with 6/12-clock peripherals; Package: SOT187; Container: Tube Dry Pack 8-BIT, FLASH, 40 MHz, MICROCONTROLLER, PQCC44 8-bit 80C51 5 V low power 64 kB flash microcontroller with 1 kB RAM, SPI, 6-clock CPU with 6/12-clock peripherals; Package: SOT376; Container: Tray Dry Pack, Bakeable, Multiple 8-BIT, FLASH, 40 MHz, MICROCONTROLLER, PQFP44
|
NXP Semiconductors N.V.
|
P89LPC933 P89LPC934 P89LPC935FA P89LPC935FDH P89LP |
8-bit microcontroller with accelerated two-clock 80C51 core 4 kB/8 kB/16 kB 3 V byte-erasable Flash with 8-bit ADCs 8-bit microcontroller with accelerated two-clock 80C51 core 4 kB/8 kB 3 V byte-erasable Flash with 8-bit A/D converters
|
Philips NXP Semiconductors
|
P89LPC952 P89LPC952FA P89LPC952FBD |
8-bit microcontroller with accelerated two-clock 80C51 core 8 kB 3 V byte-erasable flash with 10-bit ADC 8-bit microcontroller with accelerated two-clock 80C51 core 8 kB 3 V byte-erasable flash with 10-bit A/D converter
|
PHILIPS[Philips Semiconductors]
|
P89LV51RB2BA P89LV51RC2FA P89LV51RB2 P89LV51RB2BBC |
8-bit 80C51 3 V low power 16/32/64 kB Flash microcontroller with 1 kB RAM 8-BIT, FLASH, 33 MHz, MICROCONTROLLER, PQCC44
|
NXP Semiconductors N.V.
|
P89LPC932 P89LPC932BA P89LPC932BDH P89LPC932FDH P8 |
80C51 8-bit microcontroller with two-clock core 8 KB 3 V low-power Flash with 512-byte data EEPROM 8-bit microcontroller with accelerated two-clock 80C51 core 8 kB Flash with 512-byte data EEPROM and 768-byte RAM
|
NXP Semiconductors N.V.
|
P83C654X2FA |
80C51 8-bit microcontroller family 16 kB OTP/ROM, 256B RAM, low voltage (2.7 to 5.5 V), low power, high speed (30/33 MHz) 8-BIT, MROM, 33 MHz, MICROCONTROLLER, PQCC44
|
NXP Semiconductors N.V.
|
80C55483C55487C554 |
80C51 8-bit microcontroller 16 K / 512 OTP, 8 channel 10 bit A/D, IC, PWM, capture/compare, high I/O
|
Philips
|
P89LPC935FA P89LPC935FHN P89LPC935FDH P89LPC933FDH |
8-bit microcontroller with accelerated two-clock 80C51 core 4 kB/8 kB 3 V byte-erasable Flash with 8-bit A/D converters
|
NXP
|
P89LPC935FHN P89LPC933HDH |
8-bit microcontroller with accelerated two-clock 80C51 core 4 kB/8 kB/16 kB 3 V byte-erasable flash with 8-bit ADCs
|
NXP Semiconductors
|
P89LPC933FDH P89LPC935 P89LPC935FDH P89LPC935FA P8 |
8-bit microcontroller with accelerated two-clock 80C51 core 4 kB/8 kB/16 kB 3 V byte-erasable flash with 8-bit ADCs
|
NXP Semiconductors
|
P89C51RD2BBD/01 P89C51RD2FA/01 P89C51RB2BBD/01 P89 |
80C51 8-bit Flash microcontroller family 16KB/32KB/64KB ISP/IAP Flash with 512B/512B/1KB RAM 8-BIT, FLASH, 33 MHz, MICROCONTROLLER, PDIP40 80C51 8-bit Flash microcontroller family 16KB/32KB/64KB ISP/IAP Flash with 512B/512B/1KB RAM 8-BIT, FLASH, 33 MHz, MICROCONTROLLER, PQCC44
|
NXP Semiconductors N.V. Philips Semiconductors
|